Moteur de recherche de fiches techniques de composants électroniques |
|
ST1230C16K1 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
ST1230C16K1 Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 9 page VS-ST1230C..K Series www.vishay.com Vishay Semiconductors Revision: 16-Dec-13 3 Document Number: 94395 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC TRIGGERING PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS typ. Max. Maximum peak gate power PGM TJ = TJ maximum, tp ≤ 5 ms 16 W Maximum average gate power PG(AV) TJ = TJ maximum, f = 50 Hz, d% = 50 3 Maximum peak positive gate current IGM TJ = TJ maximum, tp ≤ 5 ms 3.0 A Maximum peak positive gate voltage + VGM 20 V Maximum peak negative gate voltage - VGM 5.0 DC gate current required to trigger IGT TJ = -40 °C Maximum required gate trigger/ current/voltage are the lowest value which will trigger all units 12 V anode to cathode applied 200 - mA TJ = 25 °C 100 200 TJ = 125 °C 50 - DC gate voltage required to trigger VGT TJ = -40 °C 1.4 - V TJ = 25 °C 1.1 3.0 TJ = 125 °C 0.9 - DC gate current not to trigger IGD TJ = TJ maximum Maximum gate current/ voltage not to trigger is the maximum value which will not trigger any unit with rated VDRM anode to cathode applied 10 mA DC gate voltage not to trigger VGD 0.25 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum operating junction temperature range TJ -40 to 125 °C Maximum storage temperature range TStg -40 to 150 Maximum thermal resistance, junction to heatsink RthJ-hs DC operation single side cooled 0.042 K/W DC operation double side cooled 0.021 Maximum thermal resistance, case to heatsink RthC-hs DC operation single side cooled 0.006 DC operation double side cooled 0.003 Mounting force, ± 10 % 24 500 (2500) N (kg) Approximate weight 425 g Case style See dimensions - link at the end of datasheet A-24 (K-PUK) ΔRthJC CONDUCTION CONDUCTION ANGLE SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION TEST CONDITIONS UNITS SINGLE SIDE DOUBLE SIDE SINGLE SIDE DOUBLE SIDE 180° 0.003 0.003 0.002 0.002 TJ = TJ maximum K/W 120° 0.004 0.004 0.004 0.004 90° 0.005 0.005 0.005 0.005 60° 0.007 0.007 0.007 0.007 30° 0.012 0.012 0.012 0.012 |
Numéro de pièce similaire - ST1230C16K1 |
|
Description similaire - ST1230C16K1 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |