Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7852DP Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7852DP
Description  N-Channel 80-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7852DP Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7852DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7852DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 71627
S09-0268-Rev. E, 16-Feb-09
Vishay Siliconix
Si7852DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
µA
VDS = 80 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.0135
0.0165
Ω
VGS = 6.0 V, ID = 8.0 A
0.0175
0.022
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
25
S
Diode Forward Voltagea
VSD
IS = 2.8 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = 40 V, VGS = 10 V, ID = 10 A
34
41
nC
Gate-Source Charge
Qgs
7.5
Gate-Drain Charge
Qgd
11.0
Gate Resistance
Rg
0.1
0.6
1
Ω
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 40 Ω
ID ≅ 1.0 A, VGEN = 10 V, Rg = 6 Ω
17
25
ns
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
31
45
Source-Drain Reverse Recovery Time
trr
IF = 2.8 A, dI/dt = 100 A/µs
45
75
Output Characteristics
0
10
20
30
40
50
0
2468
10
VGS = 10 V thru 6 V
VDS - Drain-to-Source Voltage (V)
5 V
3 V, 4 V
Transfer Characteristics
0
10
20
30
40
50
0
123
45
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Numéro de pièce similaire - SI7852DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7852DP-T1-E3 VISHAY-SI7852DP-T1-E3 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI7852DP-T1-GE3 VISHAY-SI7852DP-T1-GE3 Datasheet
153Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. E, 16-Feb-09
SI7852DP-T1-GE3 VISHAY-SI7852DP-T1-GE3 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI7852DP VISHAY-SI7852DP_V01 Datasheet
366Kb / 12P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7852DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com