Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7461DP Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI7461DP
Description  P-Channel 60 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7461DP Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI7461DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7461DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Si7461DP
www.vishay.com
Vishay Siliconix
S15-0015-Rev. I, 19-Jan-15
4
Document Number: 72567
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
70
10
1
- 0.4
- 0.2
0.0
0.2
0.4
0.6
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0
2468
10
VGS - Gate-to-Source Voltage (V)
ID = 14.4 A
0.01
0
10
80
100
20
100
0.1
Time (s)
60
40
1
100
1
0.1
1
10
100
0.01
10
TA = 25 °C
Single Pulse
P(t) = 10
DC
0.1
ID(on)
Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
Limited by RDS(on)*
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
IDM Limited


Numéro de pièce similaire - SI7461DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7461DP-T1-E3 VISHAY-SI7461DP-T1-E3 Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. C, 15-Mar-04
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI7461DP VISHAY-SI7461DP_V01 Datasheet
379Kb / 12P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7461DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com