Moteur de recherche de fiches techniques de composants électroniques |
|
SA54 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SA54 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 6 page CREAT BY ART - Excellent clamping capability - Low dynamic impedance - 500W surge capability at 10 / 1000 μs waveform - Typical IR less than 1μA above 10V - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Base P/N with suffix "G" on packing code - green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 1A whisker test, SYMBOL PPK TJ TSTG Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2 Note 2: Mounted on 10 x 10 mm Copper Pads to Each Terminal Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types SA5.0 through Types SA170. 2. Electrical Characterstics Apply in Both Directions PART NO. PART NO. SA10 SA10 Document Number: DS_D1406029 Version: I14 3.5 Green compound DESCRIPTION 1,000 / Bulk packing 3,500 / 13" Paper reel 1,500 / Ammo box PACKING Maximum instantaneous forward voltage at 35 A for Unidirectional only VF Volts SA10 A0 A0 SA10 A0G A0 G DO-15 Note 1: "xxx" defines voltage from 5.0V (SA5.0) to 170V (SA170) EXAMPLE PREFERRED P/N PACKING CODE GREEN COMPOUND CODE SAxxx (Note 1) A0 Suffix "G" DO-15 R0 DO-15 B0 ORDERING INFORMATION PACKING CODE GREEN COMPOUND CODE PACKAGE Operating junction temperature range - 55 to +175 OC Storage temperature range - 55 to +175 OC Steady state power dissipation at TL=75 oC lead lengths .375", 9.5mm (Note 2) PD 3 Watts Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (Note 3) IFSM 70 A PARAMETER VALUE UNIT Peak power dissipation at TA=25 oC, Tp=1ms (Note 1) 500 Watts - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC DO-204AC (DO-15) MECHANICAL DATA Case: DO-204AC (DO-15) Weight: 0.4g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted) SA SERIES Taiwan Semiconductor Transient Voltage Suppressor FEATURES - Fast response time: Typically less than 1.0ps from 0 volt to VBR for unidirectional and 5.0ns for bidirectional |
Numéro de pièce similaire - SA54 |
|
Description similaire - SA54 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |