Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX584B11 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX584B11
Description  2% Zener Voltage Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX584B11 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX584B11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Wide zener voltage range selection: 4.7V to 20V
- Surface Mount Device type
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
- Case: SOD-523F small outline plastic package
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
Forward Voltage
VF
V
RθJA
oC/W
TJ
oC
TSTG
oC
Note1: Valid provided that electrodes are kept at ambient temperature
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1403006
Power Dissipation
150
MECHANICAL DATA
: Voltage at current I
Zener I vs. V Characteristics
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
Junction Temperature
150
Version: A14
Thermal Resistance (Junction to Ambient)
(Note 1)
Junction and Storage Temperature Range
0.9
833
- 55 to + 150
: Voltage at IZM
IF = 10 mA
: Voltage at IZK
Taiwan Semiconductor
VALUE
BZX584B4V7 ~ BZX584B20
Small Signal Product
2% Zener Voltage Tolerance SMD Zener Diode
packing code and prefix "G" on date code
- Weight: 1.3mg ± 20 %
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
FEATURES
SOD-523F


Numéro de pièce similaire - BZX584B11

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BZX584B11 JIANGSU-BZX584B11 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B11 MCC-BZX584B11 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX584B11 DAESAN-BZX584B11 Datasheet
260Kb / 3P
   ZENER DIODE
logo
UN Semiconducctor INC
BZX584B11 UNSEMI-BZX584B11 Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Zibo Seno Electronic En...
BZX584B11G ZSELEC-BZX584B11G Datasheet
145Kb / 3P
   100mW SURFACE MOUNT ZENER DIODE
More results

Description similaire - BZX584B11

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com