Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX584B10 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX584B10
Description  2% Zener Voltage Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX584B10 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX584B10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX584B10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Min
Nom
Max
Min
Max
BZX584B4V7
2Z1
4.61
4.7
4.79
5
80
1
500
3
2.0
-3.5
0.2
BZX584B5V1
2Z2
5.00
5.1
5.20
5
60
1
480
2
2.0
-2.7
1.2
BZX584B5V6
2Z3
5.49
5.6
5.71
5
40
1
400
1
2.0
-2.0
2.5
BZX584B6V2
2Z4
6.08
6.2
6.32
5
10
1
150
3
4.0
0.4
3.7
BZX584B6V8
2Z5
6.66
6.8
6.94
5
15
1
80
2
4.0
1.2
4.5
BZX584B7V5
2Z6
7.35
7.5
7.65
5
15
1
80
1
5.0
2.5
5.3
BZX584B8V2
2Z7
8.04
8.2
8.36
5
15
1
80
0.7
5.0
3.2
6.2
BZX584B9V1
2Z8
8.92
9.1
9.28
5
15
1
100
0.5
6.0
3.8
7.0
BZX584B10
2Z9
9.80
10
10.20
5
20
1
150
0.2
7.0
4.5
8.0
BZX584B11
2Y1
10.78
11
11.22
5
20
1
150
0.1
8.0
5.4
9.0
BZX584B12
2Y2
11.76
12
12.24
5
25
1
150
0.1
8.0
6.0
10.0
BZX584B13
2Y3
12.74
13
13.26
5
30
1
170
0.1
8.0
7.0
11.0
BZX584B15
2Y4
14.70
15
15.30
5
30
1
200
0.1
10.5
9.2
13.0
BZX584B16
2Y5
15.68
16
16.32
5
40
1
200
0.1
11.2
10.4
14.0
BZX584B18
2Y6
17.64
18
18.36
5
45
1
225
0.1
12.6
12.4
16.0
BZX584B20
2Y7
19.60
20
20.40
5
55
1
225
0.1
14.0
14.4
18.0
Document Number: DS_S1403006
BZX584B4V7 ~ BZX584B20
Taiwan Semiconductor
Typical
Temperature
Coefficent
Tc @ IZT
(mV/
oC)
Zener Voltage Range
Maximum
Zener Impedance
Maximum
Reverse
Currrent
Small Signal Product
Electrical Characteristics
Part
Number
Marking
(Ratings at TA=25
oC ambient temperature unless otherwise specified)
Version: A14
VZ
@ IZT
(V)
IZT
(mA)
ZZT @
IZT (Ω)
IZK
(mA)
ZZK @
IZK (Ω)
IR @ VR
(µA)
VR
(V)


Numéro de pièce similaire - BZX584B10

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BZX584B10 JIANGSU-BZX584B10 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B10 MCC-BZX584B10 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX584B10 DAESAN-BZX584B10 Datasheet
260Kb / 3P
   ZENER DIODE
logo
UN Semiconducctor INC
BZX584B10 UNSEMI-BZX584B10 Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Zibo Seno Electronic En...
BZX584B10G ZSELEC-BZX584B10G Datasheet
145Kb / 3P
   100mW SURFACE MOUNT ZENER DIODE
More results

Description similaire - BZX584B10

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com