Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C75 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX55C75
Description  Hermatically Sealed Glass Zener
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55C75 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX55C75 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55C75 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55C75 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55C75 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Max
BZX55C2V0
1.88
2.11
5.0
100
1.0
600
100
1.0
BZX55C2V2
2.08
2.33
5.0
100
1.0
600
100
1.0
BZX55C2V4
2.28
2.56
5.0
85
1.0
600
50
1.0
BZX55C2V7
2.51
2.89
5.0
85
1.0
600
10
1.0
BZX55C3V0
2.8
3.2
5.0
85
1.0
600
4.0
1.0
BZX55C3V3
3.1
3.5
5.0
85
1.0
600
2.0
1.0
BZX55C3V6
3.4
3.8
5.0
85
1.0
600
2.0
1.0
BZX55C3V9
3.7
4.1
5.0
85
1.0
600
2.0
1.0
BZX55C4V3
4.0
4.6
5.0
75
1.0
600
1.0
1.0
BZX55C4V7
4.4
5.0
5.0
60
1.0
600
0.5
1.0
BZX55C5V1
4.8
5.4
5.0
35
1.0
550
0.1
1.0
BZX55C5V6
5.2
6.0
5.0
25
1.0
450
0.1
1.0
BZX55C6V2
5.8
6.6
5.0
10
1.0
200
0.1
2.0
BZX55C6V8
6.4
7.2
5.0
8
1.0
150
0.1
3.0
BZX55C7V5
7.0
7.9
5.0
7
1.0
50
0.1
5.0
BZX55C8V2
7.7
8.7
5.0
7
1.0
50
0.1
6.2
BZX55C9V1
8.5
9.6
5.0
10
1.0
50
0.1
6.8
BZX55C10
9.4
10.6
5.0
15
1.0
70
0.1
7.5
BZX55C11
10.4
11.6
5.0
20
1.0
70
0.1
8.2
BZX55C12
11.4
12.7
5.0
20
1.0
90
0.1
9.1
BZX55C13
12.4
14.1
5.0
26
1.0
110
0.1
10
BZX55C15
13.8
15.6
5.0
30
1.0
110
0.1
11
BZX55C16
15.3
17.1
5.0
40
1.0
170
0.1
12
BZX55C18
16.8
19.1
5.0
50
1.0
170
0.1
14
BZX55C20
18.8
21.2
5.0
55
1.0
220
0.1
15
BZX55C22
20.8
23.3
5.0
55
1.0
220
0.1
17
BZX55C24
22.8
25.6
5.0
80
1.0
220
0.1
18
BZX55C27
25.1
28.9
5.0
80
1.0
220
0.1
20
BZX55C30
28
32
5.0
80
1.0
220
0.1
22
BZX55C33
31
35
5.0
80
1.0
220
0.1
24
BZX55C36
34
38
5.0
80
1.0
220
0.1
27
BZX55C39
37
41
2.5
90
0.5
500
0.1
28
BZX55C43
40
46
2.5
90
0.5
600
0.1
32
BZX55C47
44
50
2.5
110
0.5
700
0.1
35
BZX55C51
48
54
2.5
125
0.5
700
0.1
38
BZX55C56
52
60
2.5
135
0.5
1000
0.1
42
BZX55C62
58
66
2.5
150
0.5
1000
0.1
47
BZX55C68
64
72
2.5
160
0.5
1000
0.1
51
BZX55C75
70
80
2.5
170
0.5
1000
0.1
56
Notes:1. Tolerance and voltage designation : the type numbers listed have zener voltage as shown.
2. Specials available include : nomial zener voltages between the voltages shown and tighter voltage, for detailed
information on price, availability and delivery, contact your nearest Taiwan Semiconductor representative.
3. Zener voltage (VZ) measurement : the zener voltage is measured under pulse conditions such that TJ is more
than 2
oC above T
A .
4. Zener impedance (ZZ) derivation : zener impedance is derived from the 60-cycle ac voltage, which results
when ac current having an RMS value equal to 10% of the dc zener current(IZT) is superimposed to IZT .
Document Number: DS_S1410001
Version: C14
Device Type
VZ @ IZT (V)
BZX55C2V0 thru BZX55C75
Taiwan Semiconductor
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max


Numéro de pièce similaire - BZX55C75

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55C75 VISHAY-BZX55C75 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C75 CHENDA-BZX55C75 Datasheet
695Kb / 3P
   Low zener impedance
logo
Rectron Semiconductor
BZX55C75 RECTRON-BZX55C75 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
RFE international
BZX55C75 RFE-BZX55C75 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Gaomi Xinghe Electronic...
BZX55C75 GXELECTRONICS-BZX55C75 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Description similaire - BZX55C75

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com