Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC337-16-B0A1G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BC337-16-B0A1G
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC337-16-B0A1G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC337-16-B0A1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25℃ unless otherwise noted)
Document Number: DS_S1407004
Version: B14
BC337-16/25/40 thru BC338-16/25/40
Taiwan Semiconductor
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
0
200
400
600
800
1000
0
1020
3040
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.1 STATIC CHARACTERSTIC
10
9
IB=1mA
8
7
6
5
4
3
2
0
COMMON EMITTER
Ta=25℃
10
100
1000
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
FIG. 4 hFE -IC
COMMON EMITTER
VCE=1V
Ta= -25℃
Ta= 25℃
Ta= 100℃
0.01
0.1
1
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
FIG. 6 VCE(sat) - IC
COMMON EMITTER
IC / IB = 25
Ta= -25℃
Ta= 25℃
Ta= 100℃
Ta= 100℃
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
BASE CURRENT IB(mA)
FIG.2 STATIC CHARACTERSTIC
VCE=1V
COMMON EMITTER
Ta=25℃
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
BASE CURRENT IB(mA)
FIG.3 STATIC CHARACTERSTIC
VCE=1V
COMMON EMITTER
Ta=25℃
0
200
400
600
800
1000
1200
0
12345
6
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.5 IC - VCE(LOW VOLTAGE REGION)
IB=1mA
8
7
6
5
4
3
2
0
COMMON EMITTER
VCE=1V


Numéro de pièce similaire - BC337-16-B0A1G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC337-16 MOTOROLA-BC337-16 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
SHENZHEN YONGERJIA INDU...
BC337-16 WINNERJOIN-BC337-16 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
BC337-16 PHILIPS-BC337-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BC337-16 KEXIN-BC337-16 Datasheet
888Kb / 2P
   NPN Transistors
logo
Siemens Semiconductor G...
BC337-16 SIEMENS-BC337-16 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Description similaire - BC337-16-B0A1G

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com