Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4746G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce 1N4746G
Description  1W DO-41 Zener Volatge Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4746G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4746G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4746G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4746G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4746G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4746G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
1N4728G
3.3
76
10
1
1
1N4729G
3.6
69
10
1
1
1N4730G
3.9
64
9
1
1
1N4731G
4.3
58
9
1
1
1N4732G
4.7
53
8
1
1
1N4733G
5.1
49
7
1
1
1N4734G
5.6
45
5
1
2
1N4735G
6.2
41
2
1
3
1N4736G
6.8
37
3.5
1
4
1N4737G
7.5
34
4
0.5
5
1N4738G
8.2
31
4.5
0.5
6
1N4739G
9.1
28
5
0.5
7
1N4740G
10
25
7
0.25
7.6
1N4741G
11
23
8
0.25
8.4
1N4742G
12
21
9
0.25
9.1
1N4743G
13
19
10
0.25
9.9
1N4744G
15
17
14
0.25
11.4
1N4745G
16
15.5
16
0.25
12.2
1N4746G
18
14
20
0.25
13.7
1N4747G
20
12.5
22
0.25
15.2
1N4748G
22
11.5
23
0.25
16.7
1N4749G
24
10.5
25
0.25
18.2
1N4750G
27
9.5
35
0.25
20.6
1N4751G
30
8.5
40
0.25
22.8
1N4752G
33
7.5
45
0.25
25.1
1N4753G
36
7
50
0.25
27.4
1N4754G
39
6.5
60
0.25
29.7
1N4755G
43
6
70
0.25
32.7
1N4756G
47
5.5
80
0.25
35.8
1N4757G
51
5
95
0.25
38.8
1N4758G
56
4.5
110
0.25
42.6
Notes : 1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nmial zener voltage of ±5%.
2. SPECIAL AVAILABLE INCLUDE
Nomial zener voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact your nearest Taiwan Semiconductor representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within
specification with device junction in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1406003
Version: E14
Taiwan Semiconductor
1500
5
2000
5
1500
5
1500
5
1000
5
1000
5
1000
ELECTRICAL CHARACTERISTICS (Ratings at T
A=25
oC ambient temperature unless otherwise specified)
5
5
750
5
750
5
1000
5
750
5
700
5
700
5
750
5
700
5
700
5
700
5
700
10
700
10
700
10
700
10
700
10
700
10
550
10
600
10
10
500
10
400
100
400
50
Small Signal Product
400
700
1N4728G ~ 1N4758G
IR @ VR
(
μA)
Max.
VR
(V)
400
100
Device
Type
VZ @ IZT
(V)
Typ.
IZT
(mA)
ZZT @ OZK
(
Ω)
Max.
IZK
(mA)
ZZK @ IZK
(
Ω)
Max.


Numéro de pièce similaire - 1N4746G

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
1N4746G EIC-1N4746G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4746G TSC-1N4746G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
More results

Description similaire - 1N4746G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com