Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1A Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce UF1A
Description  Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1A Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UF1A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1405072
Version: F14
MARKING DIAGRAM
UF1A thru UF1M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
UF1J-UF1M
UF1A-UF1G


Numéro de pièce similaire - UF1A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Micro Commercial Compon...
UF1A MCC-UF1A Datasheet
230Kb / 3P
   1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
UF1A SUNMATE-UF1A Datasheet
137Kb / 2P
   1.0A Surface Mount Ultra-Fast Rectifier
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Chongqing Pingwei Enter...
UF1A CHONGQING-UF1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results

Description similaire - UF1A

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
   Glass Passivated High Efficient Rectifiers
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT_14 Datasheet
392Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com