Moteur de recherche de fiches techniques de composants électroniques |
|
KBL005 Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
KBL005 Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 5 page KBL005, KBL01B, KBL02, KBBL04, KBL06, KBL08, KBL10 www.vishay.com Vishay General Semiconductor Revision: 08-Jul-13 1 Document Number: 88655 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Single-Phase Bridge Rectifier FEATURES • UL recognition, file number E54214 • Ideal for printed circuit boards • High surge current capability • High case dielectric strength of 1500 VRMS • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS General purpose use in AC/DC bridge full wave rectification for monitor, TV, printer, SMPS, adapter, audio equipment, and home appliances applications. MECHANICAL DATA Case: KBL Molding compound meets UL 94 V-0 flammability rating Base P/N-E4 - RoHS-compliant, commercial grade Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs) PRIMARY CHARACTERISTICS Package KBL IF(AV) 4 A VRRM 50 V, 100, V, 200 V, 400 V, 600 V, 800 V, 1000 V IFSM 200 A IR 5 μA VF at IF = 4 A 1.1 V TJ max. 150 °C Diode variations In-Line Case Style KBL ~ ~ ~ ~ e4 MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL KBL005 KBL01 KBL02 KBL04 KBL06 KBL08 KBL10 UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward current at TA = 50 °C IF(AV) 4.0 A Peak forward surge current single sine-wave superimposed on rated load IFSM 200 A Operating junction and storage temperature range TJ, TSTG - 50 to + 150 °C ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL KBL005 KBL01 KBL02 KBL04 KBL06 KBL08 KBL10 UNIT Maximum instantaneous forward drop per diode IF = 4.0 A VF 1.1 V Maximum DC reverse current at rated DC blocking voltage per diode TA = 25 °C IR 5.0 μA TA = 125 °C 1.0 mA |
Numéro de pièce similaire - KBL005_15 |
|
Description similaire - KBL005_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |