Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYX82 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BYX82
Description  Standard Avalanche Sinterglass Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX82 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BYX82 Datasheet HTML 1Page - Vishay Siliconix BYX82 Datasheet HTML 2Page - Vishay Siliconix BYX82 Datasheet HTML 3Page - Vishay Siliconix BYX82 Datasheet HTML 4Page - Vishay Siliconix BYX82 Datasheet HTML 5Page - Vishay Siliconix BYX82 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BYX82, BYX83, BYX84, BYX85, BYX86
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
1
Document Number: 86052
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• High surge current loading
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Rectification, general purpose
949539
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BYX86
BYX86TR
5000 per 10" tape and reel
25 000
BYX86
BYX86TAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYX82
VR = 200 V; IF(AV) = 2 A
SOD-57
BYX83
VR = 400 V; IF(AV) = 2 A
SOD-57
BYX84
VR = 600 V; IF(AV) = 2 A
SOD-57
BYX85
VR = 800 V; IF(AV) = 2 A
SOD-57
BYX86
VR = 1000 V; IF(AV) = 2 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
BYX82
VR = VRRM
200
V
BYX83
VR = VRRM
400
V
BYX84
VR = VRRM
600
V
BYX85
VR = VRRM
800
V
BYX86
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Repetitive peak forward current
IFRM
10
A
Average forward current
Tamb  45 °C
IF(AV)
2A
i2t-rating
i2 t8
A2s
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C


Numéro de pièce similaire - BYX82

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
logo
SUNMATE electronic Co.,...
BYX82 SUNMATE-BYX82 Datasheet
140Kb / 3P
   2.0A Axial Leaded Silicon Mesa Rectifiers
logo
Vishay Siliconix
BYX82 VISHAY-BYX82 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX82-1000 VISHAY-BYX82-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Description similaire - BYX82

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com