Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSI10H100CW Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSI10H100CW
Description  10A, 100V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI10H100CW Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSI10H100CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI10H100CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CREAT BY ART
Document Number: DS_D0000003
Version: A15
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for
any damages resulting from such improper use or sale.
TSI10H100CW - TSI10H200CW
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any
intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for
such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale
and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability,
or infringement of any patent, copyright, or other intellectual property right.


Numéro de pièce similaire - TSI10H100CW

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
   10A, 200V Trench Schottky Rectifier
More results

Description similaire - TSI10H100CW

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
   30A, 100V - 200V Trench Schottky Rectifiers
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
   20A, 100V - 200V Trench Schottky Rectifiers
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
   10A, 200V Trench Schottky Rectifier
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
   10A, 200V Trench Schottky Rectifier
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS Datasheet
200Kb / 2P
   VOLTAGE 100V 10A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com