Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1433A Fiches technique(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1433A
Description  SAW Filter 2140 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1433A Fiches technique(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1433A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1433A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity)
2.TAPE DIMENSION


Numéro de pièce similaire - TA1433A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1433A GOLLEDGE-TA1433A Datasheet
206Kb / 6P
   SAW Filter 2140.0MHz
More results

Description similaire - TA1433A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1587A TAI-SAW-TA1587A Datasheet
143Kb / 8P
   SAW Filter 2140 MHz
logo
TriQuint Semiconductor
856738 TRIQUINT-856738_15 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856562 TRIQUINT-856562_15 Datasheet
478Kb / 5P
   2140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2225E RFM-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TriQuint Semiconductor
855937 TRIQUINT-855937 Datasheet
490Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845B TAI-SAW-TA1845B Datasheet
601Kb / 9P
   SAW Filter 2140 MHz
TA1396A TAI-SAW-TA1396A Datasheet
265Kb / 8P
   SAW Filter 2140 MHz BW60MHz
logo
API Technologies Corp
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com