Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1405A Fiches technique(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1405A
Description  SAW Filter 1542.5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1405A Fiches technique(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1405A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1405A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Numéro de pièce similaire - TA1405A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1405A GOLLEDGE-TA1405A Datasheet
159Kb / 6P
   SAW Filter 1542.50MHz
More results

Description similaire - TA1405A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2240A TAI-SAW-TA2240A Datasheet
419Kb / 7P
   SAW Filter 1542.5 MHz
logo
RF Monolithics, Inc
SF2275E RFM-SF2275E Datasheet
798Kb / 5P
   1542.5 MHz SAW Filter
SF2235G RFM-SF2235G Datasheet
577Kb / 5P
   1542.5 MHz SAW Filter
SF2235E RFM-SF2235E Datasheet
837Kb / 5P
   1542.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1308A TAI-SAW-TA1308A Datasheet
345Kb / 7P
   SAW Filter 1542.5 MHz
TA0425B TAI-SAW-TA0425B Datasheet
502Kb / 9P
   SAW Filter 1542.5 MHz
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA1405C TAI-SAW-TA1405C Datasheet
398Kb / 7P
   SAW Filter 1542.5 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA2623A TAI-SAW-TA2623A Datasheet
883Kb / 8P
   SAW Filter 1542.5 MHz SMD 1.4횞1.1 mm (BW=35 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com