Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1404A Fiches technique(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1404A
Description  SAW Filter 869MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1404A Fiches technique(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1404A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1404A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Issued Date:
Product Name: SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
TST Parts No.: TA1404A (This part is is compliant with AEC-Q200)
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Michael Yang
Approval by:
Bob Chau
Date:
2014/2/25
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Numéro de pièce similaire - TA1404A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1404A TAI-SAW-TA1404A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1404A GOLLEDGE-TA1404A Datasheet
352Kb / 6P
   SAW Filter 869.0MHz
More results

Description similaire - TA1404A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2087A TAI-SAW-TA2087A Datasheet
668Kb / 6P
   SAW Filter 869MHz
TA1946A TAI-SAW-TA1946A Datasheet
673Kb / 7P
   SAW Filter 869MHz
TA2093A TAI-SAW-TA2093A Datasheet
756Kb / 7P
   SAW Filter 869MHz
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
   SAW Filter 869MHz
TA1729A TAI-SAW-TA1729A Datasheet
409Kb / 7P
   SAW Filter 869MHz
logo
Golledge Electronics Lt...
MP01864 GOLLEDGE-MP01864 Datasheet
117Kb / 6P
   SAW Filter 869MHz
MA05505 GOLLEDGE-MA05505 Datasheet
135Kb / 5P
   SAW Filter 869MHz
logo
Abracon Corporation
AFS869.0W01-TS4 ABRACON-AFS869.0W01-TS4 Datasheet
2Mb / 3P
   869MHz SMD SAW FILTER
08.13.09
logo
TAI-SAW TECHNOLOGY CO.,...
TA0296A TAI-SAW-TA0296A Datasheet
627Kb / 6P
   SAW Filter 869MHz SMD 3.0횞3.0 mm
logo
Radiometrix Ltd
FPX3 RADIOMETRIX-FPX3_16 Datasheet
355Kb / 7P
   400mW Multichannel 869MHz band transceiver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com