Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSF20H150C Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSF20H150C
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20H150C Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF20H150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ high efficiency
- High forward surge capability
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
dV/dt
V/μs
Typ.
Max.
Typ.
Max
Typ.
Max.
Typ.
Max.
IF = 5A
0.64
-
0.68
-
0.72
-
0.77
-
IF = 10A
0.74
0.81
0.78
0.87
0.81
0.90
0.83
0.93
IF = 5A
0.55
-
0.56
-
0.58
-
0.62
-
IF = 10A
0.63
0.70
0.63
0.69
0.66
0.75
0.68
0.78
TJ = 25°C
-
200
-
250
-
100
-
100
μA
TJ = 125°C
1.5
10515315
-
15
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411024
Version: I14
10
Peak forward surge current, 8.3 ms single half sine-wave superimposed
on rated load per diode
Polarity:
As marked
10000
1500
200
Mounting torque: 0.56 Nm max.
Weight:
1.7 g (approximately)
Maximum average forward rectified
current
120
20
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters, lighting and
on-board DC/DC converters.
100
ITO-220AB
PARAMETER
SYMBOL
TSF20H100C thru TSF20H200C
Taiwan Semiconductor
A
IF(AV)
per device
Maximum repetitive peak reverse voltage
Trench Schottky Rectifier
MECHANICAL DATA
150
120
4.5
Operating junction temperature range
Storage temperature range
Typical thermal resistance per diode
Note 1: Pulse Test with Pulse Width=300μs, 1% Duty Cycle
4.0
4.0
4.5
- 55 to +150
- 55 to +150
V
V
A
IFSM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Voltage rate of change (Rated VR)
per diode
Instantaneous forward voltage per diode
( Note1 )
TJ = 25°C
VF
TJ = 125°C
VF
Instantaneous reverse current per diode at rated
reverse voltage
IR
VAC
Isolation voltage from terminal to heatsink t = 1 min
TSF20H
100C
UNIT
TSF20H
200C
TSF20H
150C
TSF20H
120C
Case:
ITO-220AB
Molding compound meets UL 94 V-0 flammability rating


Numéro de pièce similaire - TSF20H150C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSF20H150C TSC-TSF20H150C Datasheet
212Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF20H150C-S TSC-TSF20H150C-S Datasheet
243Kb / 5P
   Trench Schottky Rectifier
More results

Description similaire - TSF20H150C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com