Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSF20H150C Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSF20H150C
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20H150C Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSF20H150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: DS_D1411024
Version: I14
TSF20H100C thru TSF20H200C
Taiwan Semiconductor
10
100
1000
10000
0.1
1
10
100
FIG. 10 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p
REVERSE VOLTAGE (V)
TSF20H150
C
TSF20H150
C
TSF20H120
C
TSF20H100
C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF20H100C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
FIG. 9 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF20H200C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
FIG. 8 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF20H150C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 7 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TSF20H120C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TSF20H200C
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C


Numéro de pièce similaire - TSF20H150C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSF20H150C TSC-TSF20H150C Datasheet
212Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF20H150C-S TSC-TSF20H150C-S Datasheet
243Kb / 5P
   Trench Schottky Rectifier
More results

Description similaire - TSF20H150C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com