Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS25PL05G Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS25PL05G
Description  25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS25PL05G Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS25PL05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
29.70
30.30
1.169
1.193
B
2.30
2.70
0.091
0.106
C
2.00
2.40
0.079
0.094
D
0.90
1.10
0.035
0.043
E
9.80
10.20
0.386
0.402
F
7.30
7.70
0.287
0.303
G
19.70
20.30
0.776
0.799
H
-
4.80
-
0.189
I
3.80
4.20
0.150
0.165
J
17.00
18.00
0.669
0.709
K
4.40
4.80
0.173
0.189
L
3.40
3.80
0.134
0.150
M
10.80
11.20
0.425
0.441
N
3.10
3.40
0.122
0.134
O
2.50
2.90
0.098
0.114
P
0.65
0.75
0.026
0.030
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1411014
Version: D15
MARKING DIAGRAM
TS25PL05G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
TS-6P
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Numéro de pièce similaire - TS25PL05G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
140Kb / 2P
   Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
262Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Description similaire - TS25PL05G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS15PL05G TSC-TS15PL05G Datasheet
251Kb / 4P
   15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
GBU15L05 TSC-GBU15L05 Datasheet
207Kb / 4P
   15A, 600V Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
logo
Vishay Siliconix
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifier
01-Jan-2022
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
logo
Vishay Siliconix
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE2560 VISHAY-LVE2560 Datasheet
119Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 09-Jul-2020
LVB1560 VISHAY-LVB1560 Datasheet
90Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560 Datasheet
91Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560_V01 Datasheet
114Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE1560 VISHAY-LVE1560_V01 Datasheet
120Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com