Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4B01G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS4B01G
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4B01G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4B01G_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4B01G_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4B01G_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4B01G_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (TS4B01G) to 1000V (TS4B07G)
PART NO.
TS4B01G
TS4B01G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1311042
Version: F13
Forming
20 / TUBE
EXAMPLE
DESCRIPTION
Green compound
TS4B01G thru TS4B07G
Taiwan Semiconductor
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
ORDERING INFORMATION
PACKING
C2
Suffix "G"
TS4B
X0
TS4B
D2
TS4B
20 / TUBE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
TS4B0xG
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
TS4B01G C2
C2
TS4B01G C2G
C2
G
0
1
2
3
4
5
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS


Numéro de pièce similaire - TS4B01G_14

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS4B01G TSC-TS4B01G_1 Datasheet
60Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G_10 Datasheet
432Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Description similaire - TS4B01G_14

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com