Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1255A Fiches technique(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1255A
Description  SAW Filter 2185MHz SMD 1.4X1.1 mm (BW=30MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1255A Fiches technique(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1255A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1255A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity )
2.TAPE DIMENSION
Direction of Feed


Numéro de pièce similaire - TA1255A

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA125-160-37-25 TRANSCOM-TA125-160-37-25 Datasheet
17Kb / 1P
   12.5 - 16 GHz 25 dBm Amplifier
logo
Toshiba Semiconductor
TA1250 TOSHIBA-TA1250 Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Transko Electronics, In...
TA12516AV TRANSKO-TA12516AV Datasheet
616Kb / 4P
   125.00 MHz IF SAW Filter / 16.83 MHz Bandwidth
Revision 1: 28. Oct. 2010
logo
TAI-SAW TECHNOLOGY CO.,...
TA1251A TAI-SAW-TA1251A Datasheet
404Kb / 6P
   SAW Filter 1202 MHz
More results

Description similaire - TA1255A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
   SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA1656A TAI-SAW-TA1656A Datasheet
349Kb / 8P
   SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2413A TAI-SAW-TA2413A Datasheet
815Kb / 9P
   SAW Tx Filter 733 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
   SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com