Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0945A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0945A
Description  SAW Filter 622.08 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0945A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0945A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0945A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Numéro de pièce similaire - TA0945A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0945A GOLLEDGE-TA0945A Datasheet
201Kb / 5P
   SAW Filter 622.080MHz
More results

Description similaire - TA0945A

FabricantNo de pièceFiches techniqueDescription
logo
Vanlong Technology Co.,...
SF5701 VANLONG-SF5701 Datasheet
89Kb / 2P
   622.08 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0911A TAI-SAW-TA0911A Datasheet
387Kb / 10P
   SAW Filter 622.08 MHz
logo
Murata Manufacturing Co...
HO4050B-1 MURATA-HO4050B-1 Datasheet
86Kb / 2P
   622.08 MHz differential SAW Oscillator
logo
Vanlong Technology Co.,...
SR622 VANLONG-SR622 Datasheet
90Kb / 2P
   622.08 MHz One-Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
logo
NIHON DEMPA KOGYO
WF328A NDK-WF328A Datasheet
80Kb / 1P
   622.08-MHz Timing Filter for Optical Communication
logo
Texas Instruments
TNETA1622 TI1-TNETA1622 Datasheet
89Kb / 5P
[Old version datasheet]   622.08-MHz CLOCK-RECOVERY DEVICE
logo
Murata Manufacturing Co...
OP4005B1 MURATA-OP4005B1 Datasheet
74Kb / 2P
   622.08 MHz Optical Timing Clock
logo
TAI-SAW TECHNOLOGY CO.,...
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
   7.0x5.0 PECL VCXO 622.08 MHz
logo
RF Monolithics, Inc
OP4005B RFM-OP4005B Datasheet
265Kb / 7P
   622.08 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com