Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0549A Fiches technique(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0549A
Description  SAW Filter 1575.5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0549A Fiches technique(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0549A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0549A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E. PCB Footprint:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3,4,6


Numéro de pièce similaire - TA0549A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0549A GOLLEDGE-TA0549A Datasheet
206Kb / 6P
   SAW Filter 1575.50MHz
More results

Description similaire - TA0549A

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
856576 TRIQUINT-856576_15 Datasheet
340Kb / 5P
   1575.5 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com