Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT42WSRRG Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAT42WSRRG
Description  Surface Mount, Switching Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WSRRG Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT42WSRRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WSRRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42WSRRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42WSRRG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42WSRRG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
1.40
1.80
0.055
0.071
B
3.55
3.85
0.140
0.152
C
0.45
0.70
0.018
0.028
D
2.55
2.85
0.100
0.112
E
0.95
1.35
0.037
0.053
F
0.05
0.15
0.002
0.006
G
H
-
0.10
-
0.004
SUGGEST PAD LAYOUT
A
B
C
D
MARKING
Part No.
Marking
BAT42W
S7
BAT43W
S8
Document Number: DS_S1412009
Version: E14
1.22
0.048
2.36
0.093
4.19
0.165
0.91
0.036
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BAT42W/BAT43W
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
0.50 REF
0.02 REF
B
A
E
D
C
F
G
H


Numéro de pièce similaire - BAT42WSRRG

FabricantNo de pièceFiches techniqueDescription
logo
Diode Semiconductor Kor...
BAT42WS DSK-BAT42WS Datasheet
281Kb / 2P
   Schottky barrier diodes
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Guangdong Kexin Industr...
BAT42WS KEXIN-BAT42WS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
logo
Jiangsu High diode Semi...
BAT42WS HDSEMI-BAT42WS Datasheet
1Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
More results

Description similaire - BAT42WSRRG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com