Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAW8CF2A Fiches technique(PDF) 3 Page - Seoul Semiconductor

No de pièce SAW8CF2A
Description  Superior High Intensity for High Voltage System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8CF2A Fiches technique(HTML) 3 Page - Seoul Semiconductor

  SAW8CF2A Datasheet HTML 1Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 2Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 3Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 4Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 5Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 6Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 7Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 8Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8CF2A
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Characteristics, I
F=20mA, Tj= 25ºC, RH30%
Notes :
(1) Seoul Semiconductor maintains a tolerance of
10% on Intensity and power measurements.
(2) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.01, CCT 5% tolerance.
(3) Tolerance is
2.0 on CRI measurements.
(4) Thermal resistance is junction to Solder.
(5) I
FP conditions with pulse width ≤10ms and duty cycle ≤10%
Calculated performance values are for reference only.
All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
20
30
mA
Forward Voltage
V
F
45
-
50
V
Luminous Intensity[1] (2700K)[2]
Iv
-
32.4
(100)
-
cd
(lm)
CRI [3]
Ra
80
-
-
Deg.
Viewing Angle
2
Θ
1/2
-
120
-
Deg.
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [4]
J-S
-
10
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
30
mA
Pulse Forward Current [5]
I
FP
45
mA
Power Dissipation
P
D
1.5
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-30 ~ + 100
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Table 3. Absolute Maximum Ratings


Numéro de pièce similaire - SAW8CF2A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
More results

Description similaire - SAW8CF2A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW7C22B-IZ SEOUL-SAW7C22B-IZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com