Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448WS Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce 1N4448WS
Description  200mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448WS Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4448WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4148WS/1N4448WS/1N914BWS
Taiwan Semiconductor
DIMENSIONS
Min
Max
Min
Max
A
1.15
1.35
0.045
0.053
B
2.30
2.80
0.091
0.110
C
0.25
0.40
0.010
0.016
D
1.60
1.80
0.063
0.071
E
0.80
1.10
0.031
0.043
F
0.05
0.25
0.002
0.010
SUGGESTED PAD LAYOUT
X
X1
Y
Note: 1. The suggested land pattern dimensions have been provided for refernece only, as actual pad layouts may vary depending on application.
MARKING
Marking
S1
S2
S3
Document Number: DS_S0000018
Version: H15
1N4448WS
1N914BWS
DESCRIPTION
Green compound
G
1N4148WS
Part No.
1N4148WS
PREFERRED P/N
PART NO.
RR
PACKING CODE
SUFFIX
PACKING CODE
PACKAGE
SOD-323F
PACKING
3K / 7" Reel
G
RR
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
1N4148WS RRG
EXAMPLE
1NxxxxWS
(Note 1)
Note 1 : "xxxx" is Device Code from "4148" to "914B".
0.710
0.028
2.900
0.114
0.403
0.016
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
Small Signal Product
SOD-323F
ORDERING INFORMATION


Numéro de pièce similaire - 1N4448WS

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
1N4448WS JIANGSU-1N4448WS Datasheet
701Kb / 4P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4448WS PANJIT-1N4448WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
TAITRON Components Inco...
1N4448WS TAITRON-1N4448WS Datasheet
226Kb / 5P
   Two Terminals SMD Switching Diodes
logo
Guangdong Juxing Electr...
1N4448WS JUXING-1N4448WS Datasheet
1Mb / 2P
   200mW Surface Mount Switching Didoe
logo
WILLAS ELECTRONIC CORP
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
More results

Description similaire - 1N4448WS

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com