Moteur de recherche de fiches techniques de composants électroniques |
|
1N4001SG Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4001SG Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 4 page CREAT BY ART - High efficiency, low VF - High current capability - High reliability - High surge current capability - Low power loss - φ0.6mm leads - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Base P/N with suffix "G" on packing code - green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 1A whisker test VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V IF(AV) A Cj pF RθJA OC/W TJ OC TSTG OC Document Number: DS_D1407028 Version: E14 Storage temperature range - 55 to +150 Note 1: Pulse test with PW=300μs, 1% duty cycle Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. Taiwan Semiconductor Typical junction capacitance (Note 2) Typical thermal resistance 80 Operating junction temperature range - 55 to +150 Maximum reverse current @ rated VR TJ=25 oC TJ=125 oC IR 5 100 Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load IFSM 30 A Maximum instantaneous forward voltage (Note 1) @ 1 A VF V 1N 4001 SG UNIT Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 1 1N 4005 SG 1N 4006 SG 1N 4007 SG MECHANICAL DATA Case: A-405 A-405 Weight: 0.2g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) PARAMETER SYMBOL 1.0 μA 10 1N4001SG thru 1N4007SG Glass Passivated Rectifiers FEATURES - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC 1N 4002 SG 1N 4003 SG 1N 4004 SG |
Numéro de pièce similaire - 1N4001SG_14 |
|
Description similaire - 1N4001SG_14 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |