Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4007G Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce 1N4007G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4007G Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4007G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4007G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1405008
Version: M14
MARKING DIAGRAM
1N4001G thru 1N4007G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Numéro de pièce similaire - 1N4007G

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
1N4007G DIOTECH-1N4007G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4007G PHILIPS-1N4007G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Guangdong Juxing Electr...
1N4007G JUXING-1N4007G Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
DIOTEC Electronics Corp...
1N4007G DEC-1N4007G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Leshan Radio Company
1N4007G LRC-1N4007G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Description similaire - 1N4007G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com