Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN1208 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TN1208
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1208 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TN1208 Datasheet HTML 5Page - STMicroelectronics TN1208 Datasheet HTML 6Page - STMicroelectronics TN1208 Datasheet HTML 7Page - STMicroelectronics TN1208 Datasheet HTML 8Page - STMicroelectronics TN1208 Datasheet HTML 9Page - STMicroelectronics TN1208 Datasheet HTML 10Page - STMicroelectronics TN1208 Datasheet HTML 11Page - STMicroelectronics TN1208 Datasheet HTML 12Page - STMicroelectronics TN1208 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID027436 Rev 1
11/13
TN1208
Camber requirements
12
7
Camber requirements
Carrier camber should not exceed more than 1 mm in 250 mm of carrier tape length.
Figure 7. Camber requirements


Numéro de pièce similaire - TN1208

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
   High temperature 12 A SCRs
More results

Description similaire - TN1208

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN1206 STMICROELECTRONICS-TN1206 Datasheet
836Kb / 16P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1207 STMICROELECTRONICS-TN1207 Datasheet
760Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
   Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
October 2013 Rev 10
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
   In-circuit debugger/programmer for STM8 and STM32
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
   STLINK-V3SET debugger/programmer for STM8 and STM32
September 2018 Rev 1
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
STMicroelectronics
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
October 2018 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com