Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ140A Fiches technique(PDF) 3 Page - Zowie Technology Corporation |
|
SMAJ140A Fiches technique(HTML) 3 Page - Zowie Technology Corporation |
3 / 3 page RATINGS AND CHARACTERISTIC CURVES SMAJ SERIES Zowie Technology Corporation 2011/05 FIG. 1- PULSE DERATING CURVE TJ = TJ max. 8.3 ms Single Half Sine-Wave Non-repetitive Pulse Waveform shown in Fig. 5 TA = 25℃ FIG. 3 - STEADY STATE POWER DERATING CURVE FIG. 5 - PULSE WAVEFORM AMBIENT TEMPERATURE, TA (℃) LEAD TEMPERATURE, TL (℃) TIME, (ms) FIG. 2 - MAXIMUM NON-REPETITIVE FIG. 4 - PEAK PULSE POWER RATING CURVE PULSE WIDTH, td ( µs) 100 75 50 25 0 1.0 0.8 0.6 0.4 0.2 0 100 Tr = 10µs Peak Value (IPP) td 10/1000µsec. waveform as defined by R.E.A. TJ = 25℃ Pulse width (td) is defined as the point where the peak current decays to 50% of IPP 50 0 0 0 1 2 3 4 25 50 75 100 125 150 175 200 0 25 50 75 100 125 150 175 200 50 40 30 20 10 0 100 10 1 0.1 1 10 100 Half value = IPP 2 0.1 1 10 100 1000 10000 NUMBER OF CYCLES AT 60Hz |
Numéro de pièce similaire - SMAJ140A |
|
Description similaire - SMAJ140A |