Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD16724 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button PD16724_15 Datasheet HTML 3Page - Renesas Technology Corp PD16724_15 Datasheet HTML 4Page - Renesas Technology Corp PD16724_15 Datasheet HTML 5Page - Renesas Technology Corp PD16724_15 Datasheet HTML 6Page - Renesas Technology Corp PD16724_15 Datasheet HTML 7Page - Renesas Technology Corp PD16724_15 Datasheet HTML 8Page - Renesas Technology Corp PD16724_15 Datasheet HTML 9Page - Renesas Technology Corp PD16724_15 Datasheet HTML 10Page - Renesas Technology Corp PD16724_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet S16086EJ1V0DS
5
µµµµPD16724
(2/3)
Pin Symbol
Pin Name
I/O
Description
POL
Polarity input
Input
The relation between POL and output is as follows.
Input of the POL signal is allowed the setup time (tPOL-STB) with respect to STB’s
rising edge.
MODE1 = H or open:
When it switches such as POL = H
→L or L→H, all output pins are output reset
during STB = H. When it does not switch, all output pins become Hi-Z during
STB = H. Refer to 7. RELATIONSHIP BETWEEN MODE, STB, SRC, ORC,
POL AND OUTPUT WAVEFORM for details.
MODE1
Output reset control
Input
MODE1 is pulled up to the VDD1 in the IC.
MODE1 = H or open: During an STB = H period, output is reset between all-
output pins.
MODE1 = L: During an STB = H period, output is Hi-Z between all-output pins.
MODE2
Slew rate control
mode switching
Input
MODE2 is pulled down to the VSS1 in the IC.
MODE2 = H: High slew rate period is controlled from the outside (SRC1 is
good).
MODE2 = L or open: High slew rate period is formed inside the IC (SRC2 is
good).
POL21,
POL22
Data inversion
Input
Select of inversion or no inversion for input data.
POL21: Data inversion or no inversion of Port1
POL22: Data inversion or no inversion of Port2
POL21, POL22 = H: Data are inverted in the IC.
POL21, POL22 = L: Data are not inverted in the IC.
LPC
Bias current control
Input
LPC is pulled up to the VDD1 in the IC.
LPC = H or open: VDD2 = 12.0 V to (13.0 V) normal static-current-consumption
mode
LPC = L: VDD2 = (13.0 V) to 15.0 V static-current-consumption cut mode
V0 to V17
γ -corrected power
supplies
Input
Input the
γ -corrected power supplies from outside by using operational
amplifier. During the gray-scale-voltage output, be sure to keep the gray scale
level power supply at a constant level. Make sure to maintain the following
relationships.
VDD2
− 0.2 V ≥ V0 > V1 > V2 > ... ... > V7 > V8 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V9 > V10 > V11 > ... ..., > V16 > V17 ≥ 0.5 VSS2 + 0.2 V
or
VDD2
− 0.2 V ≥ V8 > V7 > V6 > ... ... > V1 > V0 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V17 > V16 > V15 > ... ... > V10 > V9 ≥ 0.5 VSS2 + 0.2 V
Remark Hi-Z: High impedance
POL
S12n, S12n −3, S12n −4, S12n −7,
S12n −8, S12n −11
Note
S12n −1, S12n −2, S12n −5, S12n −6,
S12n −9, S12n −10
Note
LV0 to V8
V9 to V17
HV9 to V17
V0 to V8
Note n = 1,2, ..., 80


Numéro de pièce similaire - PD16724_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD16721 RENESAS-PD16721_15 Datasheet
336Kb / 30P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results

Description similaire - PD16724_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
   300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
logo
Renesas Technology Corp
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
logo
NEC
UPD16772 NEC-UPD16772 Datasheet
121Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16750 NEC-UPD16750 Datasheet
188Kb / 9P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 256-GRAY SCALES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com