Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P006-004-RD Fiches technique(PDF) 4 Page - Tripp Lite. All Rights Reserved

No de pièce P006-004-RD
Description  Standard Computer Power Cord, 10A, 18AWG(NEMA 5-15P to IEC-320-C13 with Red Plugs) 4-ft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006-004-RD Fiches technique(HTML) 4 Page - Tripp Lite. All Rights Reserved

  P006-004-RD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006-004-RD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P006-004-RD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P006-004-RD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
P006-004-RD


Numéro de pièce similaire - P006-004-RD

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-GN TRIPPLITE-P006-004-GN Datasheet
491Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
P006-004-YW TRIPPLITE-P006-004-YW Datasheet
489Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs) 4-ft.
More results

Description similaire - P006-004-RD

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P006004RD TRIPPLITE-P006004RD Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Red Plugs), 4-ft
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-YW TRIPPLITE-P006-004-YW Datasheet
489Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs) 4-ft.
P006-004-GN TRIPPLITE-P006-004-GN Datasheet
491Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006004YW TRIPPLITE-P006004YW Datasheet
481Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs), 4-ft
P006004GN TRIPPLITE-P006004GN Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs), 4-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P004004RD TRIPPLITE-P004004RD Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Red Plugs), 4-ft
P0300025 TRIPPLITE-P0300025 Datasheet
468Kb / 2P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 5-Pack, 2-ft
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com