Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD168002 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce PD168002
Description  MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD168002 Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button PD168002_15 Datasheet HTML 3Page - Renesas Technology Corp PD168002_15 Datasheet HTML 4Page - Renesas Technology Corp PD168002_15 Datasheet HTML 5Page - Renesas Technology Corp PD168002_15 Datasheet HTML 6Page - Renesas Technology Corp PD168002_15 Datasheet HTML 7Page - Renesas Technology Corp PD168002_15 Datasheet HTML 8Page - Renesas Technology Corp PD168002_15 Datasheet HTML 9Page - Renesas Technology Corp PD168002_15 Datasheet HTML 10Page - Renesas Technology Corp PD168002_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet S16040EJ1V0DS
5
µ PD168002
3. STANDARD CONNECTION EXAMPLE
PGND
OUT2A
VM2
OUT2B
PGND
OUT1A
VM1
OUT1B
PGND
IN1A
IN1/IN1B
EN12/IN2A
48
1
37
36
24
25
13
12
PGND
OUT4A
VM4
OUT4B
PGND
OUT3A
VM3
OUT3B
PGND
STB6
STB5
STB34
M
Sled
motor
Spindle
motor
Loading
motor
8 V
3 V
M
M
Focus
coil
Tracking
coil
5 V
Sled
H-bridge 2
Sled
H-bridge 1
H-bridge
ch1 to ch2
control circuit
H-bridge
ch3 to ch6
control circuit
Spindle
H-bridge 5
Loading
H-bridge 6
Tracking
H-bridge 4
Focus
H-bridge 3
Caution This diagram is the example of connection and is not what was created as a purpose of mass
production.


Numéro de pièce similaire - PD168002_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results

Description similaire - PD168002_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
UPD168102 NEC-UPD168102 Datasheet
185Kb / 16P
   MONOLITHIC 6-CHANNEL H BRIDGE DRIVER
UPD16857 NEC-UPD16857 Datasheet
78Kb / 16P
   MONOLITHIC 6 channel H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com