Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD161830 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce PD161830
Description  240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161830 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  PD161830_15 Datasheet HTML 1Page - Renesas Technology Corp PD161830_15 Datasheet HTML 2Page - Renesas Technology Corp PD161830_15 Datasheet HTML 3Page - Renesas Technology Corp PD161830_15 Datasheet HTML 4Page - Renesas Technology Corp PD161830_15 Datasheet HTML 5Page - Renesas Technology Corp PD161830_15 Datasheet HTML 6Page - Renesas Technology Corp PD161830_15 Datasheet HTML 7Page - Renesas Technology Corp PD161830_15 Datasheet HTML 8Page - Renesas Technology Corp PD161830_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Preliminary Product Information S16240EJ1V0PM
3
µµµµPD161830
2. PIN CONFIGURATION (Pad Layout)
Chip size: 15.84 x 1.11 mm
2
Bump size (Input/VCOM/test/dummy): 80 x 86
µm2
Bump size (Output): 29 x 103
µm2
Alignment Mark (
µm)
X: 7716.45
Y: 347.04
X: –7716.45 Y: 347.04
Y
X
1
332
331
327
326
241
242
246
247
Alignment mark shape (unit:
µm)
29.04
89.52


Numéro de pièce similaire - PD161830_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD161830P RENESAS-PD161830P Datasheet
370Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

Description similaire - PD161830_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com