Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD17012GF-058 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce PD17012GF-058
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012GF-058 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button PD17012GF-058_15 Datasheet HTML 5Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 6Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 7Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 8Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 9Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 10Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 11Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 12Page - Renesas Technology Corp PD17012GF-058_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
µPD17012GF-058
7
1
2
3
4
8
5
6
7
9
10
11
EVOL_SCK
EVOL_DA
EO
VDD1
VDD2
VCOL
VCOH
CE
SCK
SO
ALARMIN
Clock output of
electronic
volume control
Data input/
output of
electronic
volume control
Error out
Power supply
AM local
oscillator input
FM local
oscillator input
Chip enable
Serial clock
output
Serial data
output
Door switch
input
CMOS
push-pull
output
Input/output
CMOS
push-pull
output
CMOS
tristate
output
-
Input
Input
Input
CMOS
push-pull
output
CMOS
push-pull
output
Input
Clock output pin of electronic volume control
For details of data output, see Appendix.
Data input/output pin of electronic volume control
For details of data output, see Appendix.
Charge pump output pin of phase detector built into a PLL. If a
divided oscillator frequency is higher than the reference frequency,
the output of this pin goes high. If the divided oscillator frequency
is lower, the output goes low. If the divided oscillator frequency
agrees with the reference frequency, the output enters the floating
state.
Power-supply pin of the device
This pin supplies a voltage of 5 V
±10 % while the device is
operating. The rise time (0 to 4.5 V) of VDD must not exceed 500
ms. If the rise time is significantly long or if the voltage falls below
the operating voltage but is between 0 V and 3.5 V, the state of an
initial setting diode switch may be read incorrectly.
Input pin of the local oscillator output (VCO) in the AM (MW, LW)
band
When tuned to broadcasts in the MW or LW band, this pin becomes
active. Otherwise, the pin is internally pulled down.
To protect the built-in AC amplifier, block the flow of direct current
with a capacitor, then input the frequency.
Input pin of the local oscillator output (VCO) in the FM band
When tuned to broadcasts in the FM band, this pin becomes active.
Otherwise, the pin is internally pulled down.
Because an AC amplifier is incorporated, block the flow of direct
current with a capacitor, then input the frequency.
Input pin of the device selection signal
Always pull up the pin.
Serial clock output pin for controlling the LCD controller/driver
(
µPD7225)
Serial data output pin for controlling the LCD controller/driver
(
µPD7225)
Input pin of the door switch
See Chapter 3 for details.
Pin
No.
Symbol
Pin name
Description
I/O type
1. PIN FUNCTIONS


Numéro de pièce similaire - PD17012GF-058_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD17012GF-055 RENESAS-PD17012GF-055_15 Datasheet
541Kb / 84P
   SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR CAR-MOUNTED FM/MW/LW RADIO
More results

Description similaire - PD17012GF-058_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD17012GF-058 NEC-UPD17012GF-058 Datasheet
836Kb / 92P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Integral Corp.
IND1723Q INTEGRAL-IND1723Q Datasheet
102Kb / 2P
   CONTROLLER AND FREQUENCY SYNTHESIZER USED IN AUTOMOBILE RECEIVER WITH FM, MW,LW BAND
logo
NEC
UPD1703C-015 NEC-UPD1703C-015 Datasheet
1Mb / 29P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM/MW/AM TUNER
UPD1703C-018 NEC-UPD1703C-018 Datasheet
1Mb / 23P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR LM,MW AND FM TUNER
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
logo
Sanyo Semicon Device
LC72134M SANYO-LC72134M Datasheet
463Kb / 27P
   Dual PLL Frequency Synthesizer for FM Tuner Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com