Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD16874 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce PD16874
Description  QUAD Pch HIGH-SIDE SWITCH FOR USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16874 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button PD16874_15 Datasheet HTML 6Page - Renesas Technology Corp PD16874_15 Datasheet HTML 7Page - Renesas Technology Corp PD16874_15 Datasheet HTML 8Page - Renesas Technology Corp PD16874_15 Datasheet HTML 9Page - Renesas Technology Corp PD16874_15 Datasheet HTML 10Page - Renesas Technology Corp PD16874_15 Datasheet HTML 11Page - Renesas Technology Corp PD16874_15 Datasheet HTML 12Page - Renesas Technology Corp PD16874_15 Datasheet HTML 13Page - Renesas Technology Corp PD16874_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet S13894EJ1V0DS
8
µµµµPD16874
OPERATION SEQUENCE
Power ON/OFF
Note If the CTL signal is asserted active after power has been turned ON, OUT executes the soft-start operation
(output transition time: 8 ms MAX.). In addition, FLG output is fixed to “L” if the supply voltage is lower than
the operating voltage of the undervoltage lockout circuit (UVLO) on power application.
If all the CTL pins are inactive when power is supplied, the IC enters the standby status (IDD = 5
µA MAX.).
When Control Signals Are Input
5 V
GND
5 V
GND
5 V
GND
5 V
5 V
GND
Overcurrent detection threshold
IN (Input)
OUT
(Output)
Iout
Flg
(Output)
CTL
(Input)
5 V
GND
5 V
GND
5 V
GND
GND
5 V
IN (Input)
OUT
(Output)
FLG
(Output)
CTL
(Input)


Numéro de pièce similaire - PD16874_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Description similaire - PD16874_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
   SINGLE Pch HIGH-SIDE SWITCH FOR USB
UPD16875 NEC-UPD16875 Datasheet
260Kb / 20P
   DUAL Pch HIGH-SIDE SWITCH FOR USB
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
uPI Group Inc.
UP7550 UPI-UP7550 Datasheet
730Kb / 13P
   Power Multiplexer for USB High Side Switch
logo
Unisonic Technologies
US16855 UTC-US16855_17 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US236H UTC-US236H Datasheet
176Kb / 6P
   POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
logo
NEC
UPD16855A NEC-UPD16855A Datasheet
134Kb / 28P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com