Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21A Fiches technique(PDF) 5 Page - TAITRON Components Incorporated

No de pièce BAS21A
Description  Three Terminals SMD Switching Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS21A Fiches technique(HTML) 5 Page - TAITRON Components Incorporated

  BAS21A Datasheet HTML 1Page - TAITRON Components Incorporated BAS21A Datasheet HTML 2Page - TAITRON Components Incorporated BAS21A Datasheet HTML 3Page - TAITRON Components Incorporated BAS21A Datasheet HTML 4Page - TAITRON Components Incorporated BAS21A Datasheet HTML 5Page - TAITRON Components Incorporated BAS21A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Three Terminals SMD Switching
Rev. A/AH
BAS21A/C/S
www.taitroncomponents.com
Page 5 of 6
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
Reel Dimensions (in mm)
A0
B0
K0
D
P0
P
Product Type
See Note
1.55±0.5
4.0±0.1
4.0±0.1
W
E
T
D1
F
P2
SOT-23
8.0+0.3/-0.1
1.75±0.1
0.38±0.1
1.0±0.05
3.5±0.5
2.0±0.05
A
C
G
T
178.0±2.0
13.0±0.5
8.4±2.0
14.4 max.


Numéro de pièce similaire - BAS21A

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21A DGNJDZ-BAS21A Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21A JIANGSU-BAS21A Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Description similaire - BAS21A

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
MMBD4148 TAITRON-MMBD4148 Datasheet
239Kb / 5P
   Three Terminals SMD Switching Diodes
MMBD3004A TAITRON-MMBD3004A Datasheet
252Kb / 6P
   Three Terminals SMD Switching Diodes
MMBD3004A TAITRON-MMBD3004A_09 Datasheet
258Kb / 6P
   Three Terminals SMD Switching Diodes
BAS19 TAITRON-BAS19 Datasheet
469Kb / 6P
   Three Terminals SMD Switching Diodes
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
   Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
   Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
   Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
   Three Terminals SMD Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
   Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com