Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB060 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SB060
Description  Miniature Schottky Barrier Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB060 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SB060 Datasheet HTML 1Page - Vishay Siliconix SB060 Datasheet HTML 2Page - Vishay Siliconix SB060 Datasheet HTML 3Page - Vishay Siliconix SB060 Datasheet HTML 4Page - Vishay Siliconix SB060 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB020, SB030, SB040, SB050, SB060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
2
Document Number: 88714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance junction to lead PCB mounted 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB020
SB030
SB040
SB050
SB060
UNIT
Typical thermal resistance
RJA (1)
80
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (G)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB040-E3/54
0.203
54
5500
13" diameter paper tape and reel
SB040-E3/73
0.203
73
3000
Ammo pack packaging
0
0
0.6
0.8
80
60
40
20
100
120
140
Lead Temperature (°C)
0.4
0.2
160
SB050 to SB060
SB020 to SB040
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
10
15
1
100
10
Number of Cycles at 60 Hz
20
25
5
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.2
0
0.4
0.6
0.8
1.2
0.01
0.1
10
1
Instantaneous Forward Voltage (V)
1.0
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
SB020 to SB040
SB050 to SB060
60
40
20
0
100
80
Percent of Rated Peak Reverse Voltage (%)
0.01
0.001
0.1
10
1
SB020 to SB040
SB050 to SB060
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C


Numéro de pièce similaire - SB060

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB060 VISHAY-SB060 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
SB060 VISHAY-SB060 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
GOOD-ARK Electronics
SB060 GOOD-ARK-SB060 Datasheet
668Kb / 2P
   Miniature Schottky Barrier Rectifiers
logo
Visual Communications C...
SB0603WC01-RG VCC-SB0603WC01-RG Datasheet
483Kb / 8P
   SpectraBright Series 0603 Package Size SMD Bi-Color LEDs
11/22
SB0606WC01-RG VCC-SB0606WC01-RG Datasheet
636Kb / 10P
   SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
More results

Description similaire - SB060

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com