Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYS10-45 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BYS10-45
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS10-45 Fiches technique(HTML) 3 Page - Vishay Siliconix

  BYS10-45 Datasheet HTML 1Page - Vishay Siliconix BYS10-45 Datasheet HTML 2Page - Vishay Siliconix BYS10-45 Datasheet HTML 3Page - Vishay Siliconix BYS10-45 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYS10-25 thru BYS10-45
www.vishay.com
Vishay General Semiconductor
Revision: 26-Mar-12
3
Document Number: 86013
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Average Forward Current vs. Ambient Temperature
Fig. 5 - Max. Forward Current vs. Forward Voltage
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
0
0.4
0.8
1.2
1.6
2.0
40
80
120
160
200
BYS10-25
BYS10-35
BYS10-45
Ambient Temperature (°C)
V
R = VRRM, Half Sine-Wave, RthJA = 25 K/W
0
0
0.4
0.8
1.2
1.6
2.0
40
80
120
160
200
100 K/W
125 K/W
150 K/W
Ambient Temperature (°C)
V
R = 0 V, Half Sine-Wave
R
thJA = 25 K/W
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
T
J = 150 °C
T
J = 25 °C
Forward Voltage (V)
0.01
0.1
1
10
100
0.1
1
10
100
t - Heating Time (s)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)


Numéro de pièce similaire - BYS10-45

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYS10-45 VISHAY-BYS10-45 Datasheet
52Kb / 4P
   Schottky Barrier Rectifier
Rev. 2, 24-Jun-98
BYS10-45 VISHAY-BYS10-45 Datasheet
359Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 21-Jan-08
BYS10-45 VISHAY-BYS10-45 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 19-May-10
logo
Shenzhen Taychipst Elec...
BYS10-45 TAYCHIPST-BYS10-45 Datasheet
4Mb / 2P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
BYS10-45 VISHAY-BYS10-45 Datasheet
80Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 26-Mar-12
More results

Description similaire - BYS10-45

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com