Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448WT Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce 1N4448WT
Description  Two Terminals SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448WT Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  1N4448WT Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448WT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH
1N4448WT
Two Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diode
Features
• Fast switching speed
• Electrically identical to standard JEDEC
• High conductance
• Surface mount package ideally suited for automatic insertion
• RoHS compliant
Mechanical Data
Case:
SOD-523, plastic case
Terminals:
Solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
Approx. 0.002 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4448WT
Unit
Conditions
Marking Code
A3
VR
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
VRMS
RMS Voltage
50
V
VDC
Maximum DC Blocking Voltage
75
V
IF(AV)
Maximum Average Forward Current
150
mA
TA=25 °C
IFSM
Peak Forward Surge Current, t=1.0µS
4
A
PD
Total Power Dissipation Derate above 25 °C
200
mW
RthJA
Thermal Resistance, Junction to Ambient
625
° C/W
TJ,
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
° C
SOD-523


Numéro de pièce similaire - 1N4448WT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4448WT FAIRCHILD-1N4448WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Nanjing International G...
1N4448WT DGNJDZ-1N4448WT Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Transistors
logo
SEMTECH ELECTRONICS LTD...
1N4448WT SEMTECH_ELEC-1N4448WT Datasheet
327Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Goodwork Semiconductor ...
1N4448WT GWSEMI-1N4448WT Datasheet
358Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Surge Components
1N4448WT SURGE-1N4448WT Datasheet
2Mb / 3P
   Silicin Epitaxial Planar Switching Diode
More results

Description similaire - 1N4448WT

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-400WU TAITRON-TWD4148-400WU Datasheet
185Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WS TAITRON-TWD160WS Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WU TAITRON-TWD400WU Datasheet
190Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com