Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UPD6376 Datasheet(Fiches technique) 20 Page - NEC

Numéro de pièce UPD6376
Description  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo 

 
 20 page
background image
2
µPD6376
No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in
this document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property
rights of third parties by or arising from use of a device described herein or any other liability arising from use
of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other
intellectual property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a
customer designated "quality assurance program" for a specific application. The recommended applications of
a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device
before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact an NEC sales representative in advance.
Anti-radioactive design is not implemented in this product.
M4 96.5
[MEMO]
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPD63792-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION 1 2 3 4 5 MoreNEC
BU9480F16-bit stereo D / A converter for audio applications 1 2 3 4 5 Rohm
PCM180116-Bit Stereo Audio ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
LC78815MTWO-Channel 16-bit D/A Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
HT82V73716-Bit Stereo Audio D/A Converter with Earphone Driver 1 2 3 4 5 MoreHoltek Semiconductor Inc
LC78816MB16-Bit D/A Converter for Use in Digital Audio Products 1 2 3 4 5 MoreSanyo Semicon Device
PCM66P16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
LC78833MDigital Audio 16-Bit D/A Converter with Built-In Digital Filters 1 2 3 4 5 MoreSanyo Semicon Device
LC78836MDigital Audio 16-Bit D/A Converter with On-Chip Digital Filters  1 2 3 4 5 MoreSanyo Semicon Device
PCM78P16-Bit Audio ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl