Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1270 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1270
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1270 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1270 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1270 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 6. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1270
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent h
FE Linearity
: hFE(2)=25(Min.) at VCE=-6V, IC=-400mA.
・Complementary to KTC3202.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification
0:70
~140,
Y:120
~240
hFE(2) Classification
0:25Min.,
Y:40Min.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
DC Current Gain
hFE(1) (Note)
VCE=-1V, IC=-100mA
70
-
240
hFE(2) (Note)
VCE=-6V, IC=-400mA
25
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-0.1
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100mA
-
-0.8
-1.0
V
Transition Frequency
fT
VCE=-6V, IC=-20mA
-
200
-
MHz
Collector Output Capacitance
Cob
VCB=-6V, IE=0, f=1MHz
-
13
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Base Current
IB
-100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150


Numéro de pièce similaire - KTA1270

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1270 KEC-KTA1270 Datasheet
448Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTA1270 SECOS-KTA1270 Datasheet
68Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
KEC(Korea Electronics)
KTA1270 KEC-KTA1270 Datasheet
643Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1270 FOSHAN-KTA1270 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTA1270 JIANGSU-KTA1270 Datasheet
179Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - KTA1270

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2907 KEC-KTN2907 Datasheet
369Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com