Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA751U Fiches technique(PDF) 6 Page - KEC(Korea Electronics)

No de pièce KRA751U
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA751U Fiches technique(HTML) 6 Page - KEC(Korea Electronics)

  KRA751U Datasheet HTML 1Page - KEC(Korea Electronics) KRA751U Datasheet HTML 2Page - KEC(Korea Electronics) KRA751U Datasheet HTML 3Page - KEC(Korea Electronics) KRA751U Datasheet HTML 4Page - KEC(Korea Electronics) KRA751U Datasheet HTML 5Page - KEC(Korea Electronics) KRA751U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2002. 1. 24
6/6
KRA751U~KRA756U
Revision No : 2
G - I
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
-0.5
-1
-3
-10
5
IO
G - I
IO
G - I
IO
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
G - I
IO
G - I
IO
G - I
IO
-30
-100
10
30
50
100
300
V =-5V
O
O
V =-5V
300
100
50
30
10
-100
-30
5
-10
-3
-1
-0.5
O
V =-5V
300
100
50
30
10
-100
-30
5
-10
-3
-1
-0.5
O
V =-5V
300
100
50
30
10
-100
-30
5
-10
-3
-1
-0.5
-0.5
-1
-3
-10
5
-30
-100
10
30
50
100
300
V =-5V
O
-0.5
-1
-3
-10
5
-30
-100
10
30
50
100
300
V =-5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=-25 C
Ta=25 C
KRA751U
KRA752U
KRA753U
KRA754U
KRA755U
K
RA756U


Numéro de pièce similaire - KRA751U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA751E KEC-KRA751E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA751U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com