Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA736E Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KRA736E
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA736E Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KRA736E Datasheet HTML 1Page - KEC(Korea Electronics) KRA736E Datasheet HTML 2Page - KEC(Korea Electronics) KRA736E Datasheet HTML 3Page - KEC(Korea Electronics) KRA736E Datasheet HTML 4Page - KEC(Korea Electronics) KRA736E Datasheet HTML 5Page - KEC(Korea Electronics) KRA736E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002. 7. 9
2/6
KRA736E~KRA742E
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA736E
742E
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA736E
GI
VO=-5V, IO=-5mA
33
-
-
KRA737E
VO=-5V, IO=-20mA
20
-
-
KRA738E
VO=-5V, IO=-10mA
33
-
-
KRA739E
VO=-5V, IO=-10mA
30
-
-
KRA740E
VO=-5V, IO=-10mA
24
-
-
KRA741E
VO=-5V, IO=-5mA
33
-
-
KRA742E
VO=-5V, IO=-5mA
62
-
-
Output Voltage
KRA736E
VO(ON)
IO=-10mA, II=-0.5mA
-
-
-0.3
V
KRA737E
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA738E
IO=-10mA, II=-0.5mA
-
-
-0.3
KRA739E
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA740E
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA741E
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA742E
IO=-5mA, II=-0.25mA
-
-0.1
-0.3
Input Voltage (ON)
KRA736E
VI(ON)
VO=-0.3V, IO=-20mA
-
-0.98
-3
V
KRA737E
VO=-0.3V, IO=-20mA
-
-1.83
-3
KRA738E
VO=-0.3V, IO=-20mA
-
-1.22
-3
KRA739E
VO=-0.3V, IO=-20mA
-
-1.76
-2.5
KRA740E
VO=-0.3V, IO=-2mA
-
-2
-3
KRA741E
VO=-0.3V, IO=-2mA
-
-3.9
-5
KRA742E
VO=-0.3V, IO=-1mA
-
-1.64
-3
Input Voltage (OFF)
KRA736E
VI(OFF)
VCC=-5V, IO=-100 A
-0.3
-0.63
-
V
KRA737E
-0.5
-1.15
-
KRA738E
-0.3
-0.67
-
KRA739E
-0.3
-0.82
-
KRA740E
-0.8
-1.68
-
KRA741E
-1
-3.09
-
KRA742E
-0.5
-1.17
-
Transition Frequency
KRA736E
742E
fT*
VO=-10V, IO=-5mA
-
250
-
MHz
Input Current
KRA736E
II
VI=-5V
-
-
-7.2
mA
KRA737E
-
-
-3.8
KRA738E
-
-
-3.8
KRA739E
-
-
-1.8
KRA740E
-
-
-0.88
KRA741E
-
-
-0.16
KRA742E
-
-
-0.15


Numéro de pièce similaire - KRA736E

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA736U KEC-KRA736U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA736E

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com