Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA726T Fiches technique(PDF) 5 Page - KEC(Korea Electronics)

No de pièce KRA726T
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA726T Fiches technique(HTML) 5 Page - KEC(Korea Electronics)

  KRA726T Datasheet HTML 1Page - KEC(Korea Electronics) KRA726T Datasheet HTML 2Page - KEC(Korea Electronics) KRA726T Datasheet HTML 3Page - KEC(Korea Electronics) KRA726T Datasheet HTML 4Page - KEC(Korea Electronics) KRA726T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002. 7. 9
5/5
KRA721T~KRA726T
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-1
-3
-10
-30
-0.3
O
I(ON)
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
-100 -300 -1K
-0.5
-1
-3
-5
-10
-30
-50
-100
-300
-500
INPUT OFF VOLTAGE V
(V)
-0.4
I(OFF)
-30
I
- V
KRA725T
-10
-100
-10
-30
-50
-5
-1
-3
-0.5
-0.3
-1
-3
-300
-500
KRA726T
-1K
-100
-30
-300
O
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
-0.6 -0.8 -1.0 -1.2 -1.4 -1.6
-50
-100
-300
-500
-1k
-3k
-5k
KRA725T
-100
-300
-50
-30
-5k
-500
-3k
-1k
KRA726T
G
- I
O
OUTPUT CURRENT I
(mA)
-1
-3
-10
-30
300
30
IO
G
- I
O
OUTPUT CURRENT I
(mA)
IO
-100
-300
-1k
10
50
100
KRA725T
-300
-1
-3
-30
-10
-100
KRA726T
-1k
-0.1 -0.3
-0.2
0
500
1k
3k
-0.1 -0.3
-0.2
0-1.0
-0.6
-0.4
-0.8
-1.4
-1.2
-1.6
10
30
50
100
1k
3k
500
300
V =-0.3V
O
V =-0.3V
O
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
V =-5V
O
V =-5V
O
O
V =-5V
Ta=100 C
Ta=25 C
Ta=-25 C
V =-5V
O
Ta=-25 C
Ta=25 C
Ta=100 C


Numéro de pièce similaire - KRA726T

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA726E KEC-KRA726E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA726U KEC-KRA726U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA726T

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA221S KEC-KRA221S Datasheet
573Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA221M KEC-KRA221M Datasheet
742Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com