Moteur de recherche de fiches techniques de composants électroniques |
|
KIA7021AF Fiches technique(PDF) 2 Page - KEC(Korea Electronics) |
|
KIA7021AF Fiches technique(HTML) 2 Page - KEC(Korea Electronics) |
2 / 4 page 2002. 12. 31 2/4 KIA7019AP/AF/AT~KIA7045AP/AF/AT Revision No : 2 ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25 ) MAXIMUM RATINGS (Ta=25 ) CHARACTERISTIC SYMBOL RATING UNIT Supply Voltage VCC -0.3 +15.0 V Power Dissipation (Package Limitation) KIA7019AP 45AP PD 400 mW KIA7019AF 45AF 500 KIA7019AT 45AT 350 Operating Temperature Topr -30 +75 Storage Temperature Tstg -55 +150 CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Detecting Voltage VS 1 RL=200 VOL 0.4V KIA7019 KIA7021 KIA7023 KIA7025 KIA7027 KIA7029 KIA7031 KIA7032 KIA7033 KIA7034 KIA7035 KIA7036 KIA7039 KIA7042 KIA7045 1.75 1.95 2.15 2.35 2.55 2.75 2.95 3.05 3.15 3.25 3.35 3.45 3.75 4.05 4.35 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.2 3.3 3.4 3.5 3.6 3.9 4.2 4.5 2.05 2.25 2.45 2.65 2.85 3.05 3.25 3.35 3.45 3.55 3.65 3.75 4.05 4.35 4.65 V Low-Level Output Voltage VOL 1 RL=200 - - 0.4 V Output Leakage Current IOH 1 VCC=15V - - 0.1 A Hysteresis Voltage Vs 1 RL=200 30 50 100 mV Detecting Voltage Temperature Coefficient Vs/ T 1 RL=200 - 0.01 - %/ Circuit Current at on Time IccL 1 VCC=Vsmin.-0.05V - 300 500 A Circuit Current at off Time IccH 1 VCC=5.25V - 30 50 A Threshold Operating Voltage Vopr 1 RL=200 , VOL 0.4V - 0.8 - V "L" Transmission Delay Time tpHL 2 RL=1.0k , CL=100pF - 10 - s "H" Transmission Delay Time tpLH 2 RL=1.0k , CL=100pF - 15 - s Output Current at on Time I IoL I 1 VCC=Vsmin.-0.05V, Tc=25 20 - - mA Output Current at on Time II IoL II 1 VCC=Vsmin.-0.05V, Tc=-30 +75 16 - - mA |
Numéro de pièce similaire - KIA7021AF |
|
Description similaire - KIA7021AF |