Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P00500614RA Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce P00500614RA
Description  Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P00500614RA Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P00500614RA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P00500614RA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(Right Angle IEC-320-C14 to IEC-320-C13), 6-ft.
MODEL NUMBER: P005-006-14RA
Description
Use Tripp Lite's P005-006-14RA in server applications that require a higher rated, heavier gauge cable, and in
which space is in high demand. The right-angle C14 connector on this power cord is perfect for saving space in
tight areas, such as in the back of your rack enclosure cabinet. When plugged in, it seats flush against the back of a device (e.g. PDU, UPS, etc.), providing
space for your rack door to close, or additional room to organize a tight area. C13 to Right-Angle C14 connectors, 3 x 14 AWG conductors, 15A rating,
100-250V, SJT jacket. Tripp Lite Lifetime Limited Warranty.
Features
Molded, Heavy-Duty Power Cable, 6 ft.
IEC-60320-C13 to Right-Angle IEC-60320-C14 connectors
Right-angle C14 connector is perfect for saving space in tight areas
14 AWG x 3C, 15A, 100-250V, SJT jacket
RoHS Compliant
UL Listed
Specifications
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.8
PHYSICAL
Color
Black
Highlights
6 ft. C13 to Right-Angle C14
Power Cord
14 AWG x 3C, 15A, 100-250V,
SJT
UL Listed
Applications
The right-angle C14 connector on this
power cord is perfect for saving space
in tight areas, such as the back of your
rack enclosure cabinet. When plugged
in, it seats flush against the back of a
device (e.g. PDU, UPS, etc.),
providing space for your rack door to
close, or additional room to organize a
tight area.
Package Includes
P005-006-14RA C13 to Right-Angle
C14 Power Cord
1 / 2


Numéro de pièce similaire - P00500614RA

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
More results

Description similaire - P00500614RA

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P00500214RA TRIPPLITE-P00500214RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 2-ft
P00501014RA TRIPPLITE-P00501014RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 10-ft
P00512N TRIPPLITE-P00512N Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P00501014LA TRIPPLITE-P00501014LA Datasheet
511Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 10-ft
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P00500214LA TRIPPLITE-P00500214LA Datasheet
511Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 2-ft
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com