Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P00400413A Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce P00400413A
Description  Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 4-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P00400413A Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P00400413A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P00400413A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector B
IEC-320-C13
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Numéro de pièce similaire - P00400413A

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004004BL TRIPPLITE-P004004BL Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Blue Plugs), 4-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
P004004RD TRIPPLITE-P004004RD Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Red Plugs), 4-ft
P004004YW TRIPPLITE-P004004YW Datasheet
482Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Yellow Plugs), 4-ft
More results

Description similaire - P00400413A

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P00400613A TRIPPLITE-P00400613A Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com