Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX25R4035F Fiches technique(PDF) 11 Page - Macronix International

No de pièce MX25R4035F
Description  Wide Vcc Range, 4M-BIT
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International

MX25R4035F Fiches technique(HTML) 11 Page - Macronix International

Back Button MX25R4035F Datasheet HTML 7Page - Macronix International MX25R4035F Datasheet HTML 8Page - Macronix International MX25R4035F Datasheet HTML 9Page - Macronix International MX25R4035F Datasheet HTML 10Page - Macronix International MX25R4035F Datasheet HTML 11Page - Macronix International MX25R4035F Datasheet HTML 12Page - Macronix International MX25R4035F Datasheet HTML 13Page - Macronix International MX25R4035F Datasheet HTML 14Page - Macronix International MX25R4035F Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
11
ADVANCED INFORMATION
REV. 0.01, MAR. 06, 2015
MX25R4035F
P/N: PM2222
Table 2. Protected Area Sizes
Protected Area Sizes (TB bit = 0)
Status bit
Protect Level
BP3
BP2
BP1
BP0
0
0
0
0
0 (none)
0
0
0
1
1 (1block, block 7th)
0
0
1
0
2 (2blocks, block 6th-7th)
0
0
1
1
3 (4blocks, block 4th-7th)
0
1
0
0
4 (8blocks, protect all)
0
1
0
1
5 (8blocks, protect all)
0
1
1
0
6 (8blocks, protect all)
0
1
1
1
7 (8blocks, protect all)
1
0
0
0
8 (8blocks, protect all)
1
0
0
1
9 (8blocks, protect all)
1
0
1
0
10 (8blocks, protect all)
1
0
1
1
11 (8blocks, protect all)
1
1
0
0
12 (8blocks, protect all)
1
1
0
1
13 (8blocks, protect all)
1
1
1
0
14 (8blocks, protect all)
1
1
1
1
15 (8blocks, protect all)
Protected Area Sizes (TB bit = 1)
Status bit
Protect Level
BP3
BP2
BP1
BP0
0
0
0
0
0 (none)
0
0
0
1
1 (1block, block 0th)
0
0
1
0
2 (2blocks, block 0th-1th)
0
0
1
1
3 (4blocks, block 0th-3th)
0
1
0
0
4 (8blocks, protect all)
0
1
0
1
5 (8blocks, protect all)
0
1
1
0
6 (8blocks, protect all)
0
1
1
1
7 (8blocks, protect all)
1
0
0
0
8 (8blocks, protect all)
1
0
0
1
9 (8blocks, protect all)
1
0
1
0
10 (8blocks, protect all)
1
0
1
1
11 (8blocks, protect all)
1
1
0
0
12 (8blocks, protect all)
1
1
0
1
13 (8blocks, protect all)
1
1
1
0
14 (8blocks, protect all)
1
1
1
1
15 (8blocks, protect all)
Note: The device is ready to accept a Chip Erase instruction if, and only if, all Block Protect (BP3, BP2, BP1,
BP0) are 0.


Numéro de pièce similaire - MX25R4035F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
More results

Description similaire - MX25R4035F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
MX25R512F MCNIX-MX25R512F Datasheet
1Mb / 85P
   Wide Vcc Range, 512K-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
logo
Renesas Technology Corp
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com