Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX25R512F Fiches technique(PDF) 26 Page - Macronix International

No de pièce MX25R512F
Description  Wide Vcc Range, 512K-BIT
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International

MX25R512F Fiches technique(HTML) 26 Page - Macronix International

Back Button MX25R512F Datasheet HTML 22Page - Macronix International MX25R512F Datasheet HTML 23Page - Macronix International MX25R512F Datasheet HTML 24Page - Macronix International MX25R512F Datasheet HTML 25Page - Macronix International MX25R512F Datasheet HTML 26Page - Macronix International MX25R512F Datasheet HTML 27Page - Macronix International MX25R512F Datasheet HTML 28Page - Macronix International MX25R512F Datasheet HTML 29Page - Macronix International MX25R512F Datasheet HTML 30Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
26
ADVANCED INFORMATION
REV. 0.00, FEB. 17, 2015
MX25R512F
P/N: PM2189
WREN command
Program/erase command
Write program data/address
(Write erase address)
RDSR command
Read array data
(same address of PGM/ERS)
Program/erase successfully
Yes
Yes
Program/erase fail
No
start
Verify OK?
WIP=0?
Program/erase
another block?
Program/erase completed
No
Yes
No
RDSR command*
Yes
WEL=1?
No
* Issue RDSR to check BP[3:0].
RDSR command
Read WEL=0, BP[3:0], QE,
and SRWD data
Figure 10. Program/Erase flow with read array data
For user to check if Program/Erase operation is finished or not, RDSR instruction flow are shown as follows:


Numéro de pièce similaire - MX25R512F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
More results

Description similaire - MX25R512F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R4035F MCNIX-MX25R4035F Datasheet
1Mb / 88P
   Wide Vcc Range, 4M-BIT
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R8035F MCNIX-MX25R8035F Datasheet
1Mb / 89P
   Wide Vcc Range 8M-BIT [x 1/x 2/x 4] CMOS MXSMIO
MX25R6435F MCNIX-MX25R6435F Datasheet
1Mb / 77P
   Wide Vcc Range 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO
logo
Linear Technology
LTC3711 LINER-LTC3711_15 Datasheet
306Kb / 24P
   5-Bit Adjustable, Wide Operating Range
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com